|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Full Color SMT Chip LED (3.5 x 3.0 x 1.4 mm) x x x x OVSTRGBFC6 Red/green/blue + white in single surface mount package 8 mm tape on 7" reel compatible with automatic placement equipment Each chip individually addressable to provide color on-demand Product Photo Here ESD protected [ 1 kV, 1 time (200 pF 0 :@ The OVSTRGBFC6 is a full-color chip LED with multiple viewing angles and the ability to produce all colors of the visible spectrum, plus white. This small package, combined with high-light output, is ideal for miniature applications. Applications x Automotive (backlighting in dashboard and switches) x Telecommunications (indicator and backlighting in telephone and fax) x Flat backlight (LCDs, membrane switches and symbols) x Personal/portable appliances (mobile phones, pagers, audio/video players and GPS) Part Number OVSTRGBFC6 Material AlInGaP/InGaN Emitted Color Red/Green/Blue Intensity Typ. mcd 53/165/46 Lens Color Water Clear SOLDER PATTERN RoHS Moisture DO NOT LOOK DIRECTLY AT LED WITH UNSHIELDED EYES OR DAMAGE TO RETINA MAY OCCUR. OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible. OPTEK Technology Inc. -- 1645 Wallace Drive, Carrollton, Texas 75006 Phone: (972) 323-2200 or (800) 341-4747 FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com Issue A.1 10/05 Page 1 of 9 Full-Color SMT Chip LED OVSTRGBFC6 Absolute Maximum Ratings TA = 25oC unless otherwise noted SYMBOL PARAMETER VALUE RED GREEN BLUE UNIT PD IF PD IF IFP Power Dissipation (1 chip on) DC Forward Current (1 chip on) Power Dissipation (2 or 3 chips on) DC Forward Current (2 or 3 chips on) Pulsed Forward Current1 DC forward Current Reduction (TA & (1 chip on) DC forward Current Reduction2 (TA & (3 chips on) Operating Temperature Storage Temperature 2 68 25 22 10 100 98 25 33 10 100 -0.425 98 25 33 10 100 mW mA mW mA mA IF mA/ C -0.1 -30 ~ +80 -40 ~ +100 C C TOPR TSTG Notes: 1. Duty 2. TOPR = 40 ~ 80 C. Use under this condition. TA = 25oC unless otherwise noted SYMBOL Electrical Characteristics RED PARAMETER MIN TYP MAX UNITS CONDITIONS VF IR IV d Issue A.1 10/05 Page 2 of 9 0) ' & " | (%%$ # ! (c) Forward Voltage Reverse Current Luminous Intensity (Axial Direction) Dominant Wavelength Spectral Line Half Width ------22 621 ---- 1.9 ---------15 2.4 100 127 631 ---- V A mcd nm nm IF = 20 mA VR = 5 V IF = 20 mA IF = 20 mA IF = 20 mA OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible. OPTEK Technology Inc. -- 1645 Wallace Drive, Carrollton, Texas 75006 Phone: (972) 323-2200 or (800) 341-4747 FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com Full-Color SMT Chip LED OVSTRGBFC6 Electrical Characteristics GREEN SYMBOL PARAMETER MIN TYP MAX UNITS CONDITIONS TA = 25oC unless otherwise noted VF1 VF2 IV d Forward Voltage Luminous Intensity (Axial Direction) Dominant Wavelength Spectral Line Half Width ---2.0 82 520 ---- 3.3 ---------35 3.9 ---372 540 ---- V V mcd nm nm IF = 20 mA IF = 5 A IF = 20 mA IF = 20 mA IF = 20 mA Electrical Characteristics TA = 25oC unless otherwise noted SYMBOL BLUE PARAMETER MIN TYP MAX UNITS CONDITIONS VF1 VF2 IV d IF = 20 mA RANK ---Forward Voltage Luminous Intensity (Axial Direction) Dominant Wavelength Spectral Line Half Width 2.0 25 460 ---- 3.4 ---------25 3.9 ---101 480 ---- V V mcd nm nm IF = 20 mA IF = 5 A IF = 20 mA IF = 20 mA IF = 20 mA Ranking LUMINOUS INTENSITY (mcd) RED GREEN BLUE J K L M N P Q R 22 ~ 53 82 ~ 165 165 ~ 372 82 ~ 165 53 ~ 127 165 ~ 372 25 ~ 46 46 ~ 101 25 ~ 46 46 ~ 101 25 ~ 46 46 ~ 101 25 ~ 46 46 ~ 101 OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible. OPTEK Technology Inc. -- 1645 Wallace Drive, Carrollton, Texas 75006 Phone: (972) 323-2200 or (800) 341-4747 FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com Issue A.1 10/05 Page 3 of 9 Full-Color SMT Chip LED OVSTRGBFC6 Reliability Tests TEST ITEM STANDARD TEST METHOD1 TEST CONDITIONS FAILURE RATE2, 3 Operating Test High Temp Storage Test Low Temp Storage Test High Humidity Storage Test High Temp Operating Test High Temp and High Humidity Operating Test Temperature Cycle Test Thermal Shock Test Fall Test ED-4701 D-511 ED-4701-3 B-111A ED-4701-3 B-112A ED-4701-3 B-121A ---ED-4701-3 B-122A 1 chip on4 3 chips on4 TA = 25 C, IF = 25 mA, DC2 t = 1000 hours TA = 25 C, IF = 10 mA, DC2 t = 1000 hours 0/20 0/20 0/20 0/20 0/20 0/20 0/20 0/20 0/20 0/20 TA = 100 C, t = 1000 hours TA = 30 C, t = 1000 hours TA = 85 C, RH W 1 chip on4 KRXUV ED-4701-3 B-131A ED-4701-3 TA = (-40 C, 5 minutes ~ 80 C, 5 minutes) x 50 cycles B-141A ---h = 1 m, maple tree board, 10 times TA = 80 C, IF = 8 mA, DC2 t = 1000 hours TA = 60 C, RH 1 chip on4 t = 1000 hours, IF = 16 mA, DC TA = (-30 C, 30 minutes ~ 100 C, 30 minutes) x 100 cycles Failure Criteria SYMBOL ITEM MIN MAX CONDITIONS 5 VF VR IR IV Forward Voltage Reverse Current (red only) Luminous Intensity ---2.0 ---L.S.L. x 0.56 U.S.L. x 1.1 ---100A ---- IF = 20 mA IF = 5 A VR = 5 V IF = 20 mA Notes: 1. Number: EIAJ ("Electronic Industries Association of Japan") standard methods are used. 2. Failure rate is obtained when there is no damage by static electricity. 3. Failure rate evaluated based on "Criteria for Judging the Damage" table. 4. One (1) chip on = electric current only to one color in one LED. Three (3) chips on = electric current to the red, the green and the blue simultaneously. 5. U.S.L.: Upper Standard Level (see maximum values on red, green and blue Electrical tables on pages 2 and 3). 6. L.S.L.: Lower Standard Level (see minimum values on red, green and blue Electrical tables on pages 2 and 3). OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible. Issue A.1 10/05 Page 4 of 9 OPTEK Technology Inc. -- 1645 Wallace Drive, Carrollton, Texas 75006 Phone: (972) 323-2200 or (800) 341-4747 FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com Full-Color SMT Chip LED OVSTRGBFC6 Radiation Patterns X TA=25 C Y TA=25 C Relative Luminous Intensity Relative Luminous Intensity Cathode Mark Y X OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible. OPTEK Technology Inc. -- 1645 Wallace Drive, Carrollton, Texas 75006 Phone: (972) 323-2200 or (800) 341-4747 FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com Issue A.1 10/05 Page 5 of 9 Full-Color SMT Chip LED OVSTRGBFC6 Typical Electro-Optical Characteristics Curves TA = 25 C TA = 25 C mA % V mA Forward Voltage vs Forward Current Forward Current vs Relative Luminous Intensity IF=20 mA TA=25 C % % C Ambient Temperature vs Relative Luminous Intensity ALLOWED AREA TO OPERATE: I P-TA nm Wavelength vs Relative Intensity mA 1 chip 3 chips C Forward Current vs Ambient Temperature OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible. Issue A.1 10/05 Page 6 of 9 OPTEK Technology Inc. -- 1645 Wallace Drive, Carrollton, Texas 75006 Phone: (972) 323-2200 or (800) 341-4747 FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com Full-Color SMT Chip LED OVSTRGBFC6 Typical Electro-Optical Characteristics Curves TA = 25 C TA = 25 C nm Y mA X Red: Forward Current vs Dominant Wavelength TA = 25 C Red: Forward Current vs Chromaticity Diagram TA = 25 C nm Y mA X Green: Forward Current vs Dominant Wavelength TA = 25 C Green: Forward Current vs Chromaticity Diagram TA = 25 C nm Y mA X Blue: Forward Current vs Dominant Wavelength Blue: Forward Current vs Chromaticity Diagram OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible. OPTEK Technology Inc. -- 1645 Wallace Drive, Carrollton, Texas 75006 Phone: (972) 323-2200 or (800) 341-4747 FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com Issue A.1 10/05 Page 7 of 9 Full-Color SMT Chip LED OVSTRGBFC6 Carrier Tape Dimensions: Loaded quantity 1000 pieces per reel Vacant SMD Parts Vacant Cover Tape END Vacant (min. 15 pcs) Vacant (min. 10 pcs) Min. 200 START UNIT: MM Cathode Mark Center Hole Progressive Direction Notes: 1. General tolerance is 0.1. 2. Cover tape peeling-off strength is 0.29 - 0.58 N (10 tear-away angle of the cover tape and the carrier tape). OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible. Issue A.1 10/05 Page 8 of 9 OPTEK Technology Inc. -- 1645 Wallace Drive, Carrollton, Texas 75006 Phone: (972) 323-2200 or (800) 341-4747 FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com Full-Color SMT Chip LED OVSTRGBFC6 Packing Information: 1000 pieces on 7-inch reel sealed in ESD protected bag TAPING REEL DIMENSION UNIT: MM Label (product name, product number, lot number Moisture Resistant Packaging Label Aluminum Moisture-proof Bag Desiccant Bar Code Label OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible. OPTEK Technology Inc. -- 1645 Wallace Drive, Carrollton, Texas 75006 Phone: (972) 323-2200 or (800) 341-4747 FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com Issue A.1 10/05 Page 9 of 9 |
Price & Availability of OVSTRGBFC6 |